Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0470184001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0470184001
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Mating Height 5.15mm (.203"),0.76關m (30關") Gold (Au) Plating, Light Tin Solder Area, SurfaceMount, Right Angle,Top Mount Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0470184001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0470184001 Datasheet HTML 1Page - Molex Electronics Ltd. 0470184001 Datasheet HTML 2Page - Molex Electronics Ltd. 0470184001 Datasheet HTML 3Page - Molex Electronics Ltd. 0470184001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Process Temperature max. C
230
Material Info
Reference - Drawing Numbers
Product Specification
PS-67492-001
Sales Drawing
SD-47018-001
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0470184001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470184001 MOLEX-0470184001 Datasheet
400Kb / 7P
   SERIAL ATA BACKPLANE CONNECTOR 1.27mm PITCH
2016/04/28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com