Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47300-1004 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 47300-1004
Description  1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drivewith Standard Type Screw, Right Angle, 0.76關m (30關") Gold (Au) Plating, Unplated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47300-1004 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  47300-1004 Datasheet HTML 1Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 2Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 3Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 4Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 5Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 6Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 7Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 8Page - Molex Electronics Ltd. 47300-1004 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image


Similar Part No. - 47300-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47300-1000 MOLEX-47300-1000 Datasheet
110Kb / 2P
   Slimline Serial ATA ODD Connectors
47300-1000 MOLEX6-47300-1000 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw
47300-1001 MOLEX6-47300-1001 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, Gold (Au) Flash Plating, Phosphor Bronze Matt Tin Plated Screw Nail
47300-1002 MOLEX6-47300-1002 Datasheet
539Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw
47300-1003 MOLEX6-47300-1003 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, 0.38關m (15關") Gold (Au) Plating, Phosphor Bronze Matt Tin Plated Screw Nail
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com