Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50058-8100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50058-8100
Description  1.25mm (.049") Pitch PicoBlade??Crimp Terminal, Female, 28-32 AWG, Bag
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

50058-8100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50058-8100 Datasheet HTML 1Page - Molex Electronics Ltd. 50058-8100 Datasheet HTML 2Page - Molex Electronics Ltd. 50058-8100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0500588100
Status:
Active
Overview:
picoblade
Description:
1.25mm (.049") Pitch PicoBlade™ Crimp Terminal, Female, 28-32 AWG, Bag
Documents:
3D Model
Product Specification PS-51021-022 (PDF)
Drawing (PDF)
Product Specification PS-51021-023 (PDF)
Product Specification PS-51021-001 (PDF)
Product Specification PS-51021-026 (PDF)
Product Specification PS-51021-002 (PDF)
Product Specification PS-51021-027 (PDF)
Product Specification PS-51021-009 (PDF)
Product Specification PS-51021-028 (PDF)
Product Specification PS-51021-010 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51021-011 (PDF)
General
Product Family
Crimp Terminals
Series
50058
Crimp Quality Equipment
Yes
Overview
picoblade
Product Name
PicoBlade™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.50-1.00mm (.020-.039")
Wire Size AWG
28, 30, 32
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-50058-001
Product Specification
PS-51021-001, PS-51021-002, PS-51021-009,
PS-51021-010, PS-51021-011, PS-51021-022,
PS-51021-023, PS-51021-026, PS-51021-027,
PS-51021-028, RPS-501576-001, RPS-51021-001,
RPS-51021-002, RPS-51021-003, RPS-51021-004,
RPS-51021-006, RPS-51021-007, RPS-51021-008,
RPS-51021-009, RPS-51021-010, RPS-51021-011,
RPS-51021-013, RPS-51021-014, RPS-51021-015,
RPS-51021-016, RPS-51021-017, RPS-51021-018,
RPS-51021-019, RPS-51021-020, RPS-51021-021,
RPS-51021-022, RPS-51021-023, RPS-51021-024,
RPS-51021-025, RPS-51021-026, RPS-51021-027,
RPS-51021-028, RPS-51021-029, RPS-51021-030,
RPS-51021-031, RPS-51021-032, RPS-51021-033,
RPS-51021-037, RPS-51021-038, RPS-51021-039,
RPS-51021-040, RPS-51021-041, RPS-51021-042,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50058Series
Mates With
50125 Crimp Terminal 26-28 AWG, 50133
Crimp Terminal 28-32 AWG
Use With
51021 Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool for
1.25mm (.049") Pitch
PicoBlade™ Crimp
Terminals, 26-32
AWG
0638190300
Hand Crimp Tool for
1.25mm (.049") Pitch
0638190400


Similar Part No. - 50058-8100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50058-8100 MOLEX11-50058-8100 Datasheet
49Kb / 1P
   1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com