Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681000BLGE-7L Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM681000BLGE-7L
Description  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLGE-7L Datasheet(HTML) 1 Page - Samsung semiconductor

  KM681000BLGE-7L Datasheet HTML 1Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 2Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 3Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 4Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 5Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 6Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 7Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 8Page - Samsung semiconductor KM681000BLGE-7L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
128K x8 bit Low Power CMOS Static RAM
The KM681000B family is fabricated by SAMSUNG's advanced
CMOS process technology. The family can support various
operating temperature ranges and have various package types
for user flexibility of system design. The family also support low
data retention voltage for battery back-up operation with low
data retention current.
GENERAL DESCRIPTION
FEATURES
¡Ü
Process Technology : 0.6§- CMOS
¡Ü
Organization : 128Kx8
¡Ü
Power Supply Voltage : Single 5.0V ¡¾ 10%
¡Ü
Low Data Retention Voltage : 2V(Min)
¡Ü
Three state output and TTL Compatible
¡Ü
Package Type : JEDEC Standard
32-DIP, 32-SOP, 32-TSOP I R/F
PIN DESCRIPTION
Name
Function
A0~A16
Address Inputs
WE
Write Enable Input
CS1,CS2
Chip Select Inputs
OE
Output Enable Input
I/O1~I/O18
Data Inputs/Outputs
Vcc
Power
Vss
Ground
N.C
No Connection
Cell
Array
PRODUCT FAMILY
Product
Family
Operating
Temperature
Speed
PKG Type
Power Dissipation
Standby
(ISB1, Max)
Operating
(ICC2)
KM681000BL
Commercial(0~7¡É)
55/70ns
32-DIP,32-SOP
32-TSOP I R/F
100§Ë
70mA
KM681000BL-L
20§Ë
KM681000BLE
Extended(-25~85¡É)
70/100ns
32-SOP
32-TSOP I R/F
100§Ë
KM681000BLE-L
50§Ë
KM681000BLI
Industrial(-40~85¡É)
70/100ns
32-SOP
32-TSOP I R/F
100§Ë
KM681000BLI-L
50§Ë
Y-Decoder
I/O Buffer
FUNCTIONAL BLOCK DIAGRAM
A0~3, A8~11
A4~7,
I/O1~8
32-TSOP
Type I-Reverse
A12~16
CS1,CS2
WE,OE
A11
A9
A8
A13
WE
CS2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-TSOP
Type I - Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N.C
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE
A13
A8
A9
A11
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
32-DIP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-SOP
A11
A9
A8
A13
WE
CS2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - KM681000BLGE-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM681000BLGE-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com