Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0471512062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0471512062
Description  0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact 0.38關m (15關") Gold (Au) Plated, with Back Cover, with Mylar, with Upper Flange
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0471512062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0471512062 Datasheet HTML 1Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 2Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 3Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 4Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 5Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 6Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 7Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 8Page - Molex Electronics Ltd. 0471512062 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0471512062
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length
1.80mm (.071"), Contact 0.38µm (15µ") Gold (Au) Plated, with Back Cover, with Mylar,
with Upper Flange, Tape and Reel Package, Black Housing, Lead Free
Documents:
3D Model
Product Specification PS-47152-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47151
Application
Wire-to-Board
Comments
With Mylar
Component Type
Receptacle
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
19
Color - Resin
Black
Gender
Male
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Bismuth
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
.5A
Shielded
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47151Series
Mates With
88768 HDMI cable assembly, 88764 HDMI
Adapter, 88767 HDMIAdapter


Similar Part No. - 0471512062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0471510001 MOLEX6-0471510001 Datasheet
718Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, 0.76um (30u") Gold (Au) Plating, Front Solder Tab Length
0471510001 MOLEX1-0471510001 Datasheet
39Kb / 2P
   0.50mm Pitch HDMI Receptacle, Right-Angle, 0.76關m Gold (Au) Plating, Front Solder Tab Length 1.80mm, Shell Nickel (Ni) Plated, without Back Cover, Black Housing, Tape and Reel Package, 19 Circuits, Lead-Free
0471510001 MOLEX1-0471510001_18 Datasheet
39Kb / 2P
   0.50mm Pitch HDMI Receptacle, Right-Angle, 0.76關m Gold (Au) Plating, Front Solder Tab Length 1.80mm, Shell Nickel (Ni) Plated, without Back Cover, Black Housing, Tape and Reel Package, 19 Circuits, Lead-Free
0471510002 MOLEX6-0471510002 Datasheet
717Kb / 10P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.80mm
0471510002 MOLEX1-0471510002_18 Datasheet
39Kb / 2P
   0.50mm Pitch HDMI Receptacle, Right-Angle with Screw Flange, Front Solder Tab Length 1.80mm, Mounted Height 16.08mm, Shell Nickel (Ni) Plated, without Back Cover, Black Housing, Tray Package, 19 Circuits, Lead-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com