Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681002CJ-10 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KM681002CJ-10
Description  128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002CJ-10 Datasheet(HTML) 9 Page - Samsung semiconductor

  KM681002CJ-10 Datasheet HTML 1Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 2Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 3Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 4Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 5Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 6Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 7Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 8Page - Samsung semiconductor KM681002CJ-10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
KM681002C/CL, KM681002CI/CLI
CMOS SRAM
PRELIMINARY
Revision 2.0
- 9 -
March 2000
PRELIMINARY
#1
32-SOJ-400
#32
20.95 ±0.12
0.825 ±0.005
+0.10
MAX
21.36
0.841
0.20
-0.05
+0.004
0.008 -0.002
9.40 ±0.25
0.370 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
0.95
(
)
0.0375
+0.10
0.43 -0.05
+0.004
0.017 -0.002
+0.10
0.71
-0.05
+0.004
0.028 -0.002
1.27
0.050
#16
#17
0.004
0.10
MAX
11.18 ±0.12
0.440 ±0.005
PACKAGE DIMENSIONS
Units:millimeters/Inches
32-TSOP2-400CF
#32
20.95 ±0.10
0.825 ±0.004
MAX
21.35
0.841
MAX
1.00 ±0.10
0.039 ±0.004
1.20
0.047
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#1
0.95
(
)
0.037
+0.10
0.15 -0.05
+0.004
0.006 -0.002
11.76 ±0.20
0.463 ±0.008
#17
#16
0.50
(
)
0.020
0.45 ~0.75
0.018 ~ 0.030
0.25
(
)
0.010
1.27
0.050
0.40 ±0.10
0.016 ±0.004
0~8
°


Similar Part No. - KM681002CJ-10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-12 SAMSUNG-KM681002A-12 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-15 SAMSUNG-KM681002A-15 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-20 SAMSUNG-KM681002A-20 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002AI SAMSUNG-KM681002AI Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

Similar Description - KM681002CJ-10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com