Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5VS54AA-TL Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5VS54AA-TL
Description  LOW VOLTAGE DETECTOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VS54AA-TL Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5VS54AA-TL Datasheet HTML 4Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 10Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 11Page - RICOH electronics devices division RN5VS54AA-TL Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
RN5VS
RN5VS
××××× → Part Number
↑↑ ↑ ↑
ab c d
SELECTION GUIDE
The detector threshold, the output type, the packing type, and the taping type of RN5VS series can be desig-
nating at the user's request by specifying the part number as follows:
For example, the product with Detector Threshold 3.5V, Output Type Nch Open Drain and Taping Type TR,
is designated by Part Number RN5VS35AA-TR.
Code
Contents
a
Setting Detector Threshold (–VDET):
Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible.
Designation of Output Type:
b
A: Nch Open Drain
C: CMOS
Designation of Packing Type:
c
A: Taping
C: Antistatic bag for samples
Designation of Taping Type:
d
Ex. TR, TL
(refer to Taping Specifications, the standard direction is TR.)


Similar Part No. - RN5VS54AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VS54AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com