Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44472-0851 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44472-0851
Description  4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44472-0851 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44472-0851 Datasheet HTML 1Page - Molex Electronics Ltd. 44472-0851 Datasheet HTML 2Page - Molex Electronics Ltd. 44472-0851 Datasheet HTML 3Page - Molex Electronics Ltd. 44472-0851 Datasheet HTML 4Page - Molex Electronics Ltd. 44472-0851 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0444720851
Status:
Active
Description:
4.20mm (.165") Pitch Mini-Fit HCS™ Header, Dual Row, Vertical, with Snap-in Plastic
Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
Documents:
3D Model
Product Specification PS-44476-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
44472
Application
Wire-to-Board
Comments
Square Pin|Solder Type
Product Name
Mini-Fit HCS™
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural (White)
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to PCB
Yes
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
11A
Voltage - Maximum
600V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44472Series
Mates With
5557d


Similar Part No. - 44472-0851

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44472-0850 MOLEX6-44472-0850 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
44472-0852 MOLEX6-44472-0852 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, with Drain Holes
44472-0853 MOLEX6-44472-0853 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits
44472-0854 MOLEX6-44472-0854 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
44472-0855 MOLEX6-44472-0855 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, without Drain Holes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com