Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0444280402 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0444280402
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0444280402 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0444280402 Datasheet HTML 1Page - Molex Electronics Ltd. 0444280402 Datasheet HTML 2Page - Molex Electronics Ltd. 0444280402 Datasheet HTML 3Page - Molex Electronics Ltd. 0444280402 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µm)
2.54
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44428-001
Product Specification
PS-44300-001, RPS-44300-001
Sales Drawing
SD-44428-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0444280402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444280401 MOLEX6-0444280401 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle
0444280403 MOLEX6-0444280403 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0444280404 MOLEX6-0444280404 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle
0444280405 MOLEX6-0444280405 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle, without
0444280406 MOLEX6-0444280406 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, DualRow, Right Angle, without Snap-in Plastic Peg PCB Lock, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com