Electronic Components Datasheet Search |
|
494631617 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
494631617 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0494631617 Status: Active Description: 2.00mm (0.078") LCD Housing Assembly, Single Row, 16 Circuits Documents: 3D Model Product Specification PS-49463-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Other Sockets Series 49463 Component Type Socket Product Name N/A Physical Circuits (Loaded) 16 Color - Resin Black Durability (mating cycles max) 200 Entry Angle Vertical Keying to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin PCB Locator Yes PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.078 In Pitch - Mating Interface (mm) 2.00 mm Temperature Range - Operating -30°C to +105°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 1A Voltage - Maximum 125V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification PK-49463-001 Product Specification PS-49463-001 Sales Drawing SD-49463-001, SD-49463-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 49463Series Mates With LCD Module This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 494631617 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |