Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68257CJ-15 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KM68257CJ-15
Description  32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68257CJ-15 Datasheet(HTML) 5 Page - Samsung semiconductor

  KM68257CJ-15 Datasheet HTML 1Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 2Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 3Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 4Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 5Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 6Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 7Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 8Page - Samsung semiconductor KM68257CJ-15 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KM68257C/CL
CMOS SRAM
PRELIMINARY
Rev 3.0
- 5 -
February-1996
WRITE CYCLE
Parameter
Symbol
KM68257C/CL-12
KM68257C/CL-15
KM68257C/CL-20
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
12
-
15
-
20
-
§À
Chip Select to End of Write
tCW
9
-
11
-
13
-
§À
Address Setup Time
tAS
0
-
0
-
0
-
§À
Address Valid to End of Write
tAW
9
-
12
-
13
-
§À
Write Pulse Width(OE High)
tWP
9
-
12
-
13
-
§À
Write Pulse Width(OE Low)
tWP1
12
-
15
-
20
-
§À
Write Recovery Time
tWR
0
-
0
-
0
-
§À
Write to Output High-Z
tWHZ
0
6
0
8
0
8
§À
Data to Write Time Overlap
tDW
7
-
8
-
10
-
§À
Data Hold from Write Time
tDH
0
-
0
-
0
-
§À
End Write to Output Low-Z
tOW
0
-
0
-
0
-
§À
TIMING DIAGRAMS
TIMING WAVE FORM OF READ CYCLE(1)(Address Controlled, CS=OE=VIL, WE=VIH)
ADD
Data Out
Previous Data Valid
Data Valid
tRC
tAA
tOH


Similar Part No. - KM68257CJ-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-10 SAMSUNG-KM68257E-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-12 SAMSUNG-KM68257E-12 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-15 SAMSUNG-KM68257E-15 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257EI-10 SAMSUNG-KM68257EI-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - KM68257CJ-15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com