Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS0066U Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KS0066U
Description  16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0066U Datasheet(HTML) 1 Page - Samsung semiconductor

  KS0066U Datasheet HTML 1Page - Samsung semiconductor KS0066U Datasheet HTML 2Page - Samsung semiconductor KS0066U Datasheet HTML 3Page - Samsung semiconductor KS0066U Datasheet HTML 4Page - Samsung semiconductor KS0066U Datasheet HTML 5Page - Samsung semiconductor KS0066U Datasheet HTML 6Page - Samsung semiconductor KS0066U Datasheet HTML 7Page - Samsung semiconductor KS0066U Datasheet HTML 8Page - Samsung semiconductor KS0066U Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
KS0066U
16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
INTRODUCTION
KS0066U is a dot matrix LCD driver & controller LSI whichis
fabricated by low power CMOS technology.
It can display 1or 2 lines with the 5
×8 dots format or 1 line
with the 5
×11 dots format.
FUNCTIONS
• Character type dot matrix LCD driver & controller.
• Internal driver: 16 common and 40 segment signal output.
• Easy interface with 4-bit or 8-bit MPU.
• Display character pattern: 5
×8 dots format (208 kinds) & 5×11 dots format (32 kinds).
• The Special character pattern is directly programmable by the Character Generator RAM.
• A customer character pattern is programmable by mask option.
• Programmable Driving Method by the same character font mask option: Display Waveform A-type and B-type
• It can drive a maximum at 80 characters by using the KS0065B or KS0063B externally.
• Various instruction functions.
• Built-in automatic power on reset.
FEATURES
• Internal Memory
- Character Generator ROM (CGROM): 10,080 bits (204 characters
×5×8 dots) & (32 characters×5×11 dots)
- Character Generator RAM (CGRAM): 64
×8 bits (8 characters×5×8 dots)
- Display Data RAM (DDRAM): 80
×8 bits (80 characters max.)
• Low power operation
- Power supply voltage range (VDD): 2.7 to 5.5 V
- LCD Drive voltage range (VDD
−V5): 3.0 to 13.0 V
• CMOS process
• Programmable duty cycle: 1/8, 1/11, 1/16
• Internal oscillator with external resistor
• Low power consumption
• 80 QFP or bare chip available
80 QFP-1420C


Similar Part No. - KS0066U

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0066 SAMSUNG-KS0066 Datasheet
1Mb / 24P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0066F00 SAMSUNG-KS0066F00 Datasheet
1Mb / 24P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0066F03 SAMSUNG-KS0066F03 Datasheet
1Mb / 24P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0066F04 SAMSUNG-KS0066F04 Datasheet
1Mb / 24P
   DOT MATRIX LCD CONTROLLER & DRIVER
KS0066F05 SAMSUNG-KS0066F05 Datasheet
1Mb / 24P
   DOT MATRIX LCD CONTROLLER & DRIVER
More results

Similar Description - KS0066U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIP31066 ETC-AIP31066 Datasheet
1Mb / 29P
   16COM / 40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Samsung semiconductor
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
   16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
KS0076B SAMSUNG-KS0076B Datasheet
272Kb / 17P
   16COM/40SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0068B SAMSUNG-KS0068B Datasheet
308Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A2068 SAMSUNG-S6A2068 Datasheet
138Kb / 22P
   16COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
   16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
List of Unclassifed Man...
SPLC782A ETC1-SPLC782A Datasheet
1Mb / 40P
   16COM/40SEG Controller/Driver
SPLC780D ETC1-SPLC780D Datasheet
851Kb / 48P
   16COM/40SEG Controller/Driver
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com