Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681000BLP-7 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM681000BLP-7
Description  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLP-7 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM681000BLP-7 Datasheet HTML 2Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 3Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 4Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 5Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 6Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 7Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 8Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 9Page - Samsung semiconductor KM681000BLP-7 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
DATA RETENTION CHARACTERISTICS
* 1) Commercial Product : TA=0 to 70¡É, unless otherwise specified
2) Extended Product : TA=-25 to 85¡É, unless otherwise specified
2) Industrial Product : TA=-40 to 85¡É, unless otherwise specified
** TA=25¡É
*** CS1¡ÃVCC-0.2V,CS2¡ÃVCC-0.2V(CS1 controlled) or CS2¡Â0.2V(CS2 controlled)
Item
Symbol
Test Condition*
Min
Typ**
Max
Unit
Vcc for data retention
VDR
CS1***¡ÃVcc-0.2V
2.0
-
5.5
V
Data retention current
IDR
KM681000BL
KM681000BL-L
Vcc=3.0V
CS1¡ÃVcc-0.2V
L-Ver
LL-Ver
-
-
1
0.5
50
10
§Ë
KM681000BLE
KM681000BLE-L
L-Ver
LL-Ver
-
-
-
-
50
25
KM681000BLI
KM681000BLI-L
L-Ver
LL-Ver
-
-
-
-
50
25
Data retention set-up time
tRDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-
VCC
0.4V
VDR
CS2
GND
Data Retention Mode
CS2 ¡Â 0.2V
2) CS2 controlled
4.5V
DATA RETENTION TIMING DIAGRAM
VCC
4.5V
2.2V
VDR
CS1
GND
Data Retention Mode
CS1¡Ã VCC - 0.2V
1) CS1 Controlled
tSDR
tRDR
tSDR
tRDR


Similar Part No. - KM681000BLP-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM681000BLP-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com