Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM684000C Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM684000C
Description  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM684000C Datasheet(HTML) 2 Page - Samsung semiconductor

  KM684000C Datasheet HTML 1Page - Samsung semiconductor KM684000C Datasheet HTML 2Page - Samsung semiconductor KM684000C Datasheet HTML 3Page - Samsung semiconductor KM684000C Datasheet HTML 4Page - Samsung semiconductor KM684000C Datasheet HTML 5Page - Samsung semiconductor KM684000C Datasheet HTML 6Page - Samsung semiconductor KM684000C Datasheet HTML 7Page - Samsung semiconductor KM684000C Datasheet HTML 8Page - Samsung semiconductor KM684000C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KM684000C Family
CMOS SRAM
Revision 1.0
April 1999
2
512Kx8 bit Low Power CMOS Static RAM
GENERAL DESCRIPTION
The KM684000C families are fabricated by SAMSUNG
′s
advanced CMOS process technology. The families support
various operating temperature ranges and various package
types for user flexibility of system design. The family also
support low data retention voltage for battery back-up oper-
ation with low data retention current.
FEATURES
• Process Technology: TFT
• Organization: 512Kx8
• Power Supply Voltage: 4.5~5.5V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL Compatible
• Package Type: 32-DIP-600, 32-SOP-525,
32-TSOP2-400F/R
PIN DESCRIPTION
Pin Name
Function
WE
Write Enable Input
CS
Chip Select Input
OE
Output Enable Input
A0~A18
Address Inputs
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
PRODUCT FAMILY
1. The parameter is measured with 50pF test load.
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
KM684000CL
Commercial (0~70
°C)
4.5~5.5V
551)/70ns
80
µA
55mA
32-DIP,32-SOP
32-TSOP2-F/R
KM684000CL-L
20
µA
KM684000CLI
Inderstrial (-40~85
°C)
100
µA
32-SOP
32-TSOP2-F/R
KM684000CLI-L
30
µA
FUNCTIONAL BLOCK DIAGRAM
32-DIP
32-SOP
(Forward)
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(Reverse)
A18
A17
A17
A18
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
Precharge circuit.
Memory array
1024 rows
512
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
I/O1
Data
cont
Data
cont
I/O8
CS
WE
OE
Control
logic


Similar Part No. - KM684000C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000 SAMSUNG-KM684000 Datasheet
344Kb / 7P
   524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
KM684000ALG-5 SAMSUNG-KM684000ALG-5 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALG-7L SAMSUNG-KM684000ALG-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALGI-7L SAMSUNG-KM684000ALGI-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALP-7 SAMSUNG-KM684000ALP-7 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM684000C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com