Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM62256DLG-5L Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM62256DLG-5L
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256DLG-5L Datasheet(HTML) 1 Page - Samsung semiconductor

  KM62256DLG-5L Datasheet HTML 1Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 2Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 3Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 4Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 5Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 6Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 7Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 8Page - Samsung semiconductor KM62256DLG-5L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KM62256D Family
CMOS SRAM
Revision 1.0
November 1997
Document Title
32Kx8 bit Low Power CMOS Static RAM
Revision History
Revision No
0.0
0.1
1.0
Remark
Design target
Preliminily
Final
History
Initial draft
First revision
- KM62256DL/DLI ISB1 = 100
→ 50µA
KM62256DL-L ISB1 = 20
→ 10µA
KM62256DLI-L ISB1 = 50
→ 15µA
- CIN = 6
→ 8pF, CIO = 8 → 10pF
- KM62256D-4/5/7 Family
tOH = 5
→ 10ns
- KM62256DL/DLI IDR = 50
→30µA
KM62256DL-L/DLI-L IDR = 30
→ 15µA
Finalize
- Remove ICC write value
- Improved operating current
ICC2 = 70
→ 60mA
- Improved standby current
KM62256DL/DLI ISB1 = 50
→ 30µA
KM62256DL-L ISB1 = 10
→ 5µA
KM62256DLI-L ISB1 = 15
→ 5µA
- Improved data retention current
KM62256DL/DLI IDR = 30
→ 5µA
KM62256DL-L/DLI-L IDR = 15
→ 3µA
- Remove 45ns part from commercial product and 100ns part
from industrial product.
Replace test load 100pF to 50pF for 55ns part
Draft Data
May 18, 1997
April 1, 1997
November 11, 1997
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserves the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.


Similar Part No. - KM62256DLG-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM62256DLG-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com