Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM6264BLP-10L Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM6264BLP-10L
Description  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLP-10L Datasheet(HTML) 4 Page - Samsung semiconductor

  KM6264BLP-10L Datasheet HTML 1Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 2Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 3Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 4Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 5Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 6Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 7Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 8Page - Samsung semiconductor KM6264BLP-10L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
4
Input leakage current
Output leakage current
Operating power supply current
Average operating current
Output low voltage
Output high voltage
Standby Current(TTL)
Standby
Current
(CMOS)
KM6264BL
KM6264BL-L
KM6264BLE
KM6264BLE-L
KM6264BLI
KM6264BLI-L
DC AND OPERATING CHARACTERISTICS
Symbol
Ili
Ilo
Icc
Icc1
Icc2
Vol
Voh
Isb
Isb1
Vin=Vss to Vcc
/CS1=Vih or CS2=Vil or /WE=Vil
Vi/o=Vss to Vcc
/CS1=Vil, CS2=Vih
Vin=Vil or Vih, Ii/o=0mA
Cycle time=1us, 100% duty
/CS1¡ Â0.2V, CS2 ¡ ÃVcc-0.2V
Min cycle, 100% duty
/CS1=Vil, CS2=Vih, Ii/o=0mA
Iol=2.1mA
Ioh= -1.0mA
/CS1=Vih or CS2=Vil
/CS1¡ ÃVcc-0.2V
CS2¡ ÃVcc-0.2V or
CS2 ¡ Â0.2V
Others 0~Vcc
Unit
uA
uA
mA
mA
mA
V
V
mA
uA
uA
uA
uA
uA
uA
Max
1
1
15
10
55
0.4
-
1
100
10
100
50
100
50
Typ**
-
-
7
-
-
-
-
-
2
1
-
-
-
-
Min
-1
-1
-
-
-
-
2.4
-
-
-
-
-
-
-
* 1) Commercial Product : Ta=0 to 70 ° C, Vcc=5V+/-10%, unless otherwise specified
2) Extended Product : Ta=-25 to 85 ° C, Vcc=5V+/-10%, unless otherwise specified
3) Industrial Product : Ta=-40 to 85 ° C, Vcc=5V+/-10%, unless otherwise specified
** Ta=25 ° C
L
LL
L
LL
L
LL
Item
Test Conditions*
Input pulse level
Input rise fall time
Input and output reference voltage
Output load(See right)
TEST CONDITIONS
(1. Test Load and Test Input/Output Reference)*
0.8 to 2.4V
5ns
1.5V
CL=100pF+1TTL
-
-
-
-
CL*
* Including scope and jig capacitance
* See test condition of DC and AC Operating characteristics
Item
Value
Remark
A.C CHARACTERISTICS


Similar Part No. - KM6264BLP-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM6264BLP-10L

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com