Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0440500009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0440500009
Description  Modular Jack, Right Angle, Low Profile, 8/8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0440500009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0440500009 Datasheet HTML 1Page - Molex Electronics Ltd. 0440500009 Datasheet HTML 2Page - Molex Electronics Ltd. 0440500009 Datasheet HTML 3Page - Molex Electronics Ltd. 0440500009 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0440500009
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, 8/8
Documents:
3D Model
Product Specification PS-44050-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44050
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44050Series
Mates With
FCC 68 Plugs


Similar Part No. - 0440500009

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0440500001 MOLEX6-0440500001 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500001 MOLEX1-0440500001_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500002 MOLEX6-0440500002 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500002 MOLEX1-0440500002_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500003 MOLEX6-0440500003 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
More results

Similar Description - 0440500009

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0446610002 MOLEX6-0446610002 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611002 MOLEX6-0446611002 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500005 MOLEX6-0440500005 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500007 MOLEX6-0440500007 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0446610011 MOLEX6-0446610011 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500008 MOLEX6-0440500008 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500003 MOLEX6-0440500003 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611001 MOLEX6-0446611001 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0432028104 MOLEX1-0432028104_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500002 MOLEX1-0440500002_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611001 MOLEX1-0446611001_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz