Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

472490007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 472490007
Description  Stainless Steel Extractor for Camera Socket, 8x8 Type, Lead free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

472490007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  472490007 Datasheet HTML 1Page - Molex Electronics Ltd. 472490007 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0472490007
Status:
Active
Description:
Stainless Steel Extractor for Camera Socket, 8x8 Type, Lead free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Application Tooling
Series
47249
Function
Extraction
Geographic Area
Asia
Level of Automation
Manual
Product Name
N/A
Tool Type
Handtool
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-47249-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47249Series
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 472490007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
472490001 MOLEX6-472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
More results

Similar Description - 472490007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473370008 MOLEX6-0473370008 Datasheet
86Kb / 2P
   Stainless Steel Extractor for Camera Socket, 8.5x8.5 Type, Lead free
0475860008 MOLEX6-0475860008 Datasheet
89Kb / 2P
   Stainless Steel Extractor for Camera Socket, 6.5x6.5 Type, Lead free
0473370007 MOLEX6-0473370007 Datasheet
89Kb / 2P
   Stainless Steel Extractor for Camera Socket, 8.5x8.5 Type, Lead free
0472490005 MOLEX6-0472490005 Datasheet
80Kb / 2P
   Cover for Mobile Phone Camera Socket, 8x8, Top Mount, Side Contact Type, Stainless Steel, Lead free
0473370005 MOLEX6-0473370005 Datasheet
81Kb / 2P
   Cover for Mobile Phone Camera Socket, 8.5x8.5, Top Mount, Stainless Steel, Lead free
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
0473370200 MOLEX6-0473370200 Datasheet
243Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5, LCP Housing, Lead free
0784990002 MOLEX9-0784990002 Datasheet
310Kb / 5P
   Camera Socket for Mobile Phone, Bottom Contact, 6.5x6.5 Camera Module, withoutPick-and-Place Cap, Lead free
0475939100 MOLEX6-0475939100 Datasheet
216Kb / 3P
   1.01mm (.040") Pitch LGA 1366 Processor Socket B ILM Assembly, with Straight Lever, Stainless Steel, Lead free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com