Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM62256CLP-5L Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM62256CLP-5L
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLP-5L Datasheet(HTML) 8 Page - Samsung semiconductor

  KM62256CLP-5L Datasheet HTML 1Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 2Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 3Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 4Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 5Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 6Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 7Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 8Page - Samsung semiconductor KM62256CLP-5L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision 4.0
KM62256C Family
CMOS SRAM
December 1997
8
PACKAGE DIMENSIONS
Units :millimeters(inches)
1.65
#1
28 PIN DUAL INLINE PACKAGE(600mil)
#28
13.60
±0.20
0.535
±0.008
36.32
±0.20
1.430
±0.008
(
)
0.065
1.52
±0.10
0.060
±0.004
0.46
±0.10
0.018
±0.004
+0.10
MAX
36.72
1.446
0.25
-0.05
+0.004
0.010
-0.002
#14
#15
2.54
0.100
MAX
3.81
±0.20
0.150
±0.008
5.08
0.200
MIN
0.015
0.38
0.130
±0.012
3.30
±0.30
0~15
°
28 PIN PLASTIC SMALL OUTLINE PACKAGE(450mil)
0~8
°
#28
11.81
±0.30
0.465
±0.012
18.29
±0.20
0.720
±0.008
MAX
18.69
0.736
MAX
2.59
±0.20
0.102
±0.008
3.00
0.118
MIN
0.002
0.05
0.004 MAX
0.10 MAX
#15
0.41
±0.10
0.016
±0.004
#1
#14
0.89
(
)
0.035
8.38
±0.20
0.330
±0.008
1.02
±0.20
0.040
±0.008
+0.10
0.15
-0.05
+0.004
0.006
-0.002
1.27
0.050


Similar Part No. - KM62256CLP-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256CLP-5L SAMSUNG-KM62256CLP-5L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM62256CLP-5L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com