Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM48S16030B Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. KM48S16030B
Description  128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM48S16030B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM48S16030B Datasheet HTML 2Page - Samsung semiconductor KM48S16030B Datasheet HTML 3Page - Samsung semiconductor KM48S16030B Datasheet HTML 4Page - Samsung semiconductor KM48S16030B Datasheet HTML 5Page - Samsung semiconductor KM48S16030B Datasheet HTML 6Page - Samsung semiconductor KM48S16030B Datasheet HTML 7Page - Samsung semiconductor KM48S16030B Datasheet HTML 8Page - Samsung semiconductor KM48S16030B Datasheet HTML 9Page - Samsung semiconductor KM48S16030B Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KM48S16030B
CMOS SDRAM
Rev. 0.1 Jun. 1999
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-A
-8
-H
-L
-10
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
120
120
110
110 110
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
1
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
1
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
7
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
5
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
20
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
150
145
125
125 125
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
220
220
210
210 210
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
G
1.5
mA
3
F
800
uA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. KM48S16030BT-G**
4. KM48S16030BT-F**
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ)
Notes :


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn