Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM432S2030CT-G7 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM432S2030CT-G7
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM432S2030CT-G7 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM432S2030CT-G7 Datasheet HTML 1Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 2Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 3Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 4Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 5Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 6Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 7Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 8Page - Samsung semiconductor KM432S2030CT-G7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
KM432S2030C
CMOS SDRAM
REV. 1.1 Mar. '99
- 3 -
The KM432S2030C is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 524,288 words by 32 bits,
fabricated with SAMSUNG
′s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock. I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst length and programmable latencies allow the same device
to be useful for a variety of high bandwidth, high performance
memory system applications.
• 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 15.6us refresh duty cycle
GENERAL DESCRIPTION
FEATURES
512K x 32Bit x 4 Banks Synchronous DRAM
ORDERING INFORMATION
Part NO.
Max Freq.
Interface
Package
KM432S2030CT-G/F6
166MHz
LVTTL
86
TSOP(II)
KM432S2030CT-G/F7
143MHz
KM432S2030CT-G/F8
125MHz
KM432S2030CT-G/F10
100MHz
FUNCTIONAL BLOCK DIAGRAM
Samsung Electronics reserves the right to
change products or specification without
notice.
*
Bank Select
Data Input Register
512K x 32
512K x 32
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
512K x 32
512K x 32
Timing Register


Similar Part No. - KM432S2030CT-G7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM432J ETC1-KM432J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Similar Description - KM432S2030CT-G7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com