Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM44C4000C Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KM44C4000C
Description  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM44C4000C Datasheet(HTML) 2 Page - Samsung semiconductor

  KM44C4000C Datasheet HTML 1Page - Samsung semiconductor KM44C4000C Datasheet HTML 2Page - Samsung semiconductor KM44C4000C Datasheet HTML 3Page - Samsung semiconductor KM44C4000C Datasheet HTML 4Page - Samsung semiconductor KM44C4000C Datasheet HTML 5Page - Samsung semiconductor KM44C4000C Datasheet HTML 6Page - Samsung semiconductor KM44C4000C Datasheet HTML 7Page - Samsung semiconductor KM44C4000C Datasheet HTML 8Page - Samsung semiconductor KM44C4000C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
KM44C4000C, KM44C4100C
CMOS DRAM
KM44V4000C, KM44V4100C
VCC
DQ0
DQ1
W
RAS
*A11(N.C)
A10
A0
A1
A2
A3
VCC
VSS
DQ3
DQ2
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PIN CONFIGURATION (Top Views)
Pin Name
Pin Function
A0 - A11
Address Inputs (4K Product)
A0 - A10
Address Inputs (2K Product)
DQ0 - 3
Data In/Out
VSS
Ground
RAS
Row Address Strobe
CAS
Column Address Strobe
W
Read/Write Input
OE
Data Output Enable
VCC
Power(+5V)
Power(+3.3V)
N.C
No Connection (2K Ref. product)
VCC
DQ0
DQ1
W
RAS
*A11(N.C)
A10
A0
A1
A2
A3
VCC
VSS
DQ3
DQ2
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
*A11 is N.C for KM44C/V4100C(5V/3.3V, 2K Ref. product)
K : 300mil 26(24) SOJ
S : 300mil 26(24) TSOP II
•KM44C/V40(1)00CK
•KM44C/V40(1)00CS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn