Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0500798000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0500798000
Description  1.25mm (.049") Pitch PicoBlade??Crimp Terminal, 26-28 AWG, Reel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0500798000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0500798000 Datasheet HTML 1Page - Molex Electronics Ltd. 0500798000 Datasheet HTML 2Page - Molex Electronics Ltd. 0500798000 Datasheet HTML 3Page - Molex Electronics Ltd. 0500798000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0500798000
Status:
Active
Overview:
picoblade
Description:
1.25mm (.049") Pitch PicoBlade™ Crimp Terminal, 26-28 AWG, Reel
Documents:
Drawing (PDF)
Product Specification PS-51021-023 (PDF)
Product Specification PS-51021-001 (PDF)
Product Specification PS-51021-025 (PDF)
Product Specification PS-51021-002 (PDF)
Product Specification PS-51021-026 (PDF)
Product Specification PS-51021-009 (PDF)
Product Specification PS-51021-027 (PDF)
Product Specification PS-51021-010 (PDF)
Product Specification PS-51021-028 (PDF)
Product Specification PS-51021-011 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51021-022 (PDF)
General
Product Family
Crimp Terminals
Series
50079
Crimp Quality Equipment
Yes
Overview
picoblade
Product Name
PicoBlade™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.50-1.04mm (.020-.041")
Wire Size AWG
26, 28
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-50079-001
Product Specification
PS-51021-001, PS-51021-002, PS-51021-009,
PS-51021-010, PS-51021-011, PS-51021-022,
PS-51021-023, PS-51021-025, PS-51021-026,
PS-51021-027, PS-51021-028, RPS-501576-001,
RPS-51021-001, RPS-51021-002, RPS-51021-003,
RPS-51021-004, RPS-51021-006, RPS-51021-007,
RPS-51021-008, RPS-51021-010, RPS-51021-011,
RPS-51021-013, RPS-51021-014, RPS-51021-015,
RPS-51021-016, RPS-51021-017, RPS-51021-018,
RPS-51021-021, RPS-51021-023, RPS-51021-024,
RPS-51021-025, RPS-51021-026, RPS-51021-027,
RPS-51021-028, RPS-51021-029, RPS-51021-030,
RPS-51021-031, RPS-51021-032, RPS-51021-033,
RPS-51021-034, RPS-51021-037, RPS-51021-038,
RPS-51021-039, RPS-51021-040, RPS-51021-041,
RPS-51021-043, RPS-51021-044, RPS-51021-045,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50079Series
Mates With
50125 Crimp Terminal, 50133 Crimp
Terminal
Use With
51021 Crimp Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool for
Series 50058 and
50079 Terminals on
Metal Strip
0638110000
Hand Crimp Tool for
1.25mm (.049") Pitch
PicoBlade™ Crimp
0638190300


Similar Part No. - 0500798000

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0500798000-06-B8-D MOLEX11-0500798000-06-B8-D Datasheet
82Kb / 2P
   1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
0500798000 MOLEX1-0500798000_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Reel
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz