Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KM41C4000D Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KM41C4000D
Description  4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KM41C4000D Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
KM41C4000D, KM41V4000D
CMOS DRAM
D
W
RAS
N.C
A10
A0
A1
A2
A3
VCC
VSS
Q
CAS
N.C
A9
A8
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PIN CONFIGURATION
(Top Views)
Pin Name
Pin function
A0 - A10
Address Inputs
D
Data In
Q
Data out
VSS
Ground
RAS
Row Address Strobe
CAS
Column Address Strobe
W
Read/Write Input
N.C
No Connection
VCC
Power(+5V)
Power(+3.3V)
D
W
RAS
N.C
A10
A0
A1
A2
A3
VCC
VSS
Q
CAS
N.C
A9
A8
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
( SOJ )
( TSOP-II )
•KM41C/V4000DJ
•KM41C/V4000DT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn