Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RE51AA-RR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RH5RE51AA-RR
Description  VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RE51AA-RR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RH5RE51AA-RR Datasheet HTML 5Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 6Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 7Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 8Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 9Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 10Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 11Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 12Page - RICOH electronics devices division RH5RE51AA-RR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
8
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
R
×5RE
VIN
VOUT
=2.0V
1mA
40
60
IOUT
≤50mA
VIN
VOUT
=2.0V
1mA
IOUT
≤60mA
50
80
VIN
VOUT
=2.0V
40
80
1mA
IOUT
≤70mA
65
100
VIN
VOUT
=2.0V
1mA
80
120
IOUT
≤80mA
R
×5RE20A
1.950
2.000
2.050
R
×5RE21A
2.048
2.100
2.152
R
×5RE22A
2.145
2.200
2.255
R
×5RE23A
2.243
2.300
2.357
R
×5RE24A
2.340
2.400
2.460
R
×5RE25A
2.438
2.500
2.562
R
×5RE26A
2.535
2.600
2.665
R
×5RE27A
2.633
2.700
2.767
R
×5RE28A
2.730
2.800
2.870
R
×5RE29A
2.828
2.900
2.972
R
×5RE30A
2.925
3.000
3.075
R
×5RE31A
3.023
3.100
3.177
R
×5RE32A
3.120
3.200
3.280
R
×5RE33A
3.218
3.300
3.382
R
×5RE34A
3.315
3.400
3.485
R
×5RE35A
3.413
3.500
3.587
R
×5RE36A
3.510
3.600
3.690
R
×5RE37A
3.608
3.700
3.792
R
×5RE38A
3.705
3.800
3.895
R
×5RE39A
3.803
3.900
3.997
R
×5RE40A
3.900
4.000
4.100
R
×5RE41A
3.998
4.100
4.202
R
×5RE42A
4.095
4.200
4.305
R
×5RE43A
4.193
4.300
4.407
R
×5RE44A
4.290
4.400
4.510
R
×5RE45A
4.388
4.500
4.612
R
×5RE46A
4.485
4.600
4.715
R
×5RE47A
4.583
4.700
4.817
R
×5RE48A
4.680
4.800
4.920
R
×5RE49A
4.778
4.900
5.022
R
×5RE50A
4.875
5.000
5.125
R
×5RE51A
4.973
5.100
5.227
R
×5RE52A
5.070
5.200
5.330
R
×5RE53A
5.168
5.300
5.432
R
×5RE54A
5.265
5.400
5.535
R
×5RE55A
5.363
5.500
5.637
R
×5RE56A
5.460
5.600
5.740
R
×5RE57A
5.558
5.700
5.842
R
×5RE58A
5.655
5.800
5.945
R
×5RE59A
5.753
5.900
6.047
R
×5RE60A
5.850
6.000
6.150
Output Voltage
OutputCurrent
Load Regulation
Part Number
VOUT(V)
IOUT(mA)
VOUT/IOUT(mV)
Conditions
MIN.
TYP.
MAX.
Conditions
MIN.
TYP.
Conditions
TYP.
MAX.
VIN
VOUT
=2.0V
IOUT
=10mA
VIN
VOUT
=2.0V
IOUT
=30mA
IOUT
=40mA
0.5
0.7
IOUT
=50mA
IOUT
=60mA
Dropout Voltage
VDIF(V)
Conditions
TYP.
MAX.


Similar Part No. - RH5RE51AA-RR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE50AA-T1-FE RICOH-RH5RE50AA-T1-FE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RH5RE51AA-RR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com