Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM416S8030 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM416S8030
Description  2M x 16Bit x 4 Banks Synchronous DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S8030 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM416S8030 Datasheet HTML 1Page - Samsung semiconductor KM416S8030 Datasheet HTML 2Page - Samsung semiconductor KM416S8030 Datasheet HTML 3Page - Samsung semiconductor KM416S8030 Datasheet HTML 4Page - Samsung semiconductor KM416S8030 Datasheet HTML 5Page - Samsung semiconductor KM416S8030 Datasheet HTML 6Page - Samsung semiconductor KM416S8030 Datasheet HTML 7Page - Samsung semiconductor KM416S8030 Datasheet HTML 8Page - Samsung semiconductor KM416S8030 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM416S8030
CMOS SDRAM
REV. 2 Mar. '98
Preliminary
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high votlage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current(Inputs)
IIL
-5
-
5
uA
3
Input leakage current (I/O pins)
IIL
-5
-
5
uA
3,4
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
Parameter
Symbol
Min
Max
Unit
Clock
CCLK
2.5
4
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
2.5
5
pF
Address
CADD
2.5
5
pF
DQ0 ~ DQ3
COUT
4
6.5
pF
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include HI-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Note :


Similar Part No. - KM416S8030

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BN SAMSUNG-KM416S8030BN Datasheet
80Kb / 9P
   128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BN-G/FH SAMSUNG-KM416S8030BN-G/FH Datasheet
80Kb / 9P
   128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BN-G/FL SAMSUNG-KM416S8030BN-G/FL Datasheet
80Kb / 9P
   128Mb SDRAM Shrink TSOP 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030BT-G/F10 SAMSUNG-KM416S8030BT-G/F10 Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - KM416S8030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTS3816B4E ETC1-TTS3816B4E Datasheet
274Kb / 8P
   2M x 16Bit x 4 Banks synchronous DRAM
logo
Samsung semiconductor
K4S281632B-N SAMSUNG-K4S281632B-N Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com