Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0491021210 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0491021210
Description  2.50mm (.098") Pitch Male Housing, for 1.02mm (.040") Diameter Terminal, Used in Car Mirror Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX6 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0491021210 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0491021210
Status:
Active
Description:
2.50mm (.098") Pitch Male Housing, for 1.02mm (.040") Diameter Terminal, Used in
Car Mirror Applications
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104000-001 (PDF)
General
Product Family
Crimp Housings
Series
49102
Product Name
N/A
Physical
Circuits (maximum)
12
Color - Resin
Natural, Yellow
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-104000-001
Sales Drawing
SD-49102-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49102Series
Mates With
64002-1215
Use With
50660-9001
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn