Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KM416C1000C Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. KM416C1000C
Description  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1000C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM416C1000C Datasheet HTML 2Page - Samsung semiconductor KM416C1000C Datasheet HTML 3Page - Samsung semiconductor KM416C1000C Datasheet HTML 4Page - Samsung semiconductor KM416C1000C Datasheet HTML 5Page - Samsung semiconductor KM416C1000C Datasheet HTML 6Page - Samsung semiconductor KM416C1000C Datasheet HTML 7Page - Samsung semiconductor KM416C1000C Datasheet HTML 8Page - Samsung semiconductor KM416C1000C Datasheet HTML 9Page - Samsung semiconductor KM416C1000C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
KM416C1000C, KM416C1200C
CMOS DRAM
KM416V1000C, KM416V1200C
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-5
-6
Units
Notes
Min
Max
Min
Max
Data set-up time
tDS
0
0
ns
9,17
Data hold time
tDH
10
10
ns
9,17
Refresh period (1K, Normal)
tREF
16
16
ms
Refresh period (4K, Normal)
tREF
64
64
ms
Refresh period (L-ver)
tREF
128
128
ms
Write command set-up time
tWCS
0
0
ns
7
CAS to W delay time
tCWD
36
40
ns
7,13
RAS to W delay time
tRWD
73
85
ns
7
Column address to W delay time
tAWD
48
55
ns
7
CAS precharge to W delay time
tCPWD
53
60
ns
7
CAS set-up time (CAS-before-RAS refresh)
tCSR
5
5
ns
15
CAS hold time (CAS-before-RAS refresh)
tCHR
10
10
ns
16
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
30
35
ns
3
Fast Page mode cycle time
tPC
35
40
ns
Fast Page read-modify-write cycle time
tPRWC
76
80
ns
CAS precharge time (Fast Page cycle)
tCP
10
10
ns
12
RAS pulse width (Fast Page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
OE access time
tOEA
13
15
ns
3
OE to data delay
tOED
13
15
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
15
ns
OE command hold time
tOEH
13
15
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
us
18,19,20
RAS precharge time (C-B-R self refresh)
tRPS
90
110
ns
18,19,20
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
ns
18,19,20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM416V4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000B 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F171611D 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612D 4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn