Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM4132G271BQR-7 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM4132G271BQR-7
Description  128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271BQR-7 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM4132G271BQR-7 Datasheet HTML 1Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 2Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 3Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 4Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 5Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 6Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 7Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 8Page - Samsung semiconductor KM4132G271BQR-7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
KM4132G271B
CMOS SGRAM
- 3 -
Rev. 2.4 (May 1998)
The KM4132G271B is 8,388,608 bits synchronous high data
rate Dynamic RAM organized as 2 x 131,072 words by 32 bits,
fabricated with SAMSUNG's high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock.
I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst length, and programmable latencies allows the same
device to be useful for a variety of high bandwidth, high perfor-
mance memory system applications.
Write per bit and 8 columns block write improves performance in
graphics systems.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Dual bank / Pulse RAS
• MRS cycle with address key programs
-. CAS Latency (2, 3)
-. Burst Length (1, 2, 4, 8 & full page)
-. Burst Type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the
system clock
• Burst Read Single-bit Write operation
• DQM 0-3 for byte masking
• Auto & self refresh
• 16ms refresh period (1K cycle)
• 100 Pin PQFP, TQFP (14 x 20 mm)
• Reverse Type Package offers the best signal routing
Graphics Features
• SMRS cycle.
-. Load mask register
-. Load color register
• Write Per Bit(Old Mask)
• Block Write(8 Columns)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
128K x 32Bit x 2 Banks Synchronous Graphic RAM
CLK
CKE
CS
RAS
CAS
WE
DSF
DQMi
BLOCK
WRITE
CONTROL
LOGIC
DQi
128Kx32
CELL
ARRAY
128Kx32
CELL
ARRAY
SERIAL
COUNTER
COLUMN ADDRESS
BUFFER
ROW DECORDER
BANK SELECTION
ADDRESS REGISTER
REFRESH
COUNTER
ROW ADDRESS
BUFFER
MASK
REGISTER
COLOR
REGISTER
MUX
WRITE
CONTROL
LOGIC
COLUMN
MASK
(i=0~31)
DQMi
CLOCK ADDRESS(A0~A9)
DQMi
ORDERING INFORMATION
* ~G271BQR# / ~G271BTQR# : Reverse Type Package
Part NO.
Max Freq.
Interface
Package
KM4132G271BQ(R)-7
143MHz
LVTTL
100 PQFP
KM4132G271BQ(R)-8
125MHz
KM4132G271BQ(R)-10
100MHz
KM4132G271BTQ(R)-7
143MHz
LVTTL
100 TQFP
KM4132G271BTQ(R)-8
125MHz
KM4132G271BTQ(R)-10
100MHz


Similar Part No. - KM4132G271BQR-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-10 SAMSUNG-KM4132G271A-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-12 SAMSUNG-KM4132G271A-12 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-8 SAMSUNG-KM4132G271A-8 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271AQ-10 SAMSUNG-KM4132G271AQ-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
More results

Similar Description - KM4132G271BQR-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com