Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47391-1000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47391-1000
Description  1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, BottomMount, Right Angle, Unmating Height 7.70mm (.303"), 0.38關m (15關") Gold (Au) Plating, 7 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47391-1000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47391-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 47391-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 47391-1000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473911000
Status:
Active
Overview:
external_serial_ata
Description:
1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, BottomMount, Right
Angle, Unmating Height 7.70mm (.303"), 0.38µm (15µ") Gold (Au) Plating, 7 Circuits,
with Vacuum Pick-Up Tape, Lead Free
Documents:
3D Model
Product Specification PS-47082-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47391
Application
Wire-to-Board
Comments
With Flange
Component Type
Plug, Receptacle
Overview
external_serial_ata
Product Name
External Serial ATA
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
Gender
Plug
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.051 In
PCB Thickness Recommended (mm)
1.30 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47391Series
Mates With
68782 External Serial ATA Receptacle
Cable


Similar Part No. - 47391-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47391-0000 MOLEX6-47391-0000 Datasheet
135Kb / 3P
   1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, Bottom Mount, Right Angle, Unmating Height 7.70mm
47391-2000 MOLEX6-47391-2000 Datasheet
135Kb / 3P
   1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, BottomMount, Right Angle, Unmating Height 7.70mm
47391-3000 MOLEX6-47391-3000 Datasheet
148Kb / 3P
   1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount,Right Angle, Unmating Height 5.35mm (.211"), Gold (Au) Flash, 7 Circuits, with Vacuum Pick-Up Tape
47391-3001 MOLEX6-47391-3001 Datasheet
148Kb / 3P
   1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, 1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount
47391-3002 MOLEX6-47391-3002 Datasheet
148Kb / 3P
   1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, Right Angle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com