Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD16903 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KD16903
Description  DATA PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KD16903 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KD16903 Datasheet HTML 4Page - Samsung semiconductor KD16903 Datasheet HTML 5Page - Samsung semiconductor KD16903 Datasheet HTML 6Page - Samsung semiconductor KD16903 Datasheet HTML 7Page - Samsung semiconductor KD16903 Datasheet HTML 8Page - Samsung semiconductor KD16903 Datasheet HTML 9Page - Samsung semiconductor KD16903 Datasheet HTML 10Page - Samsung semiconductor KD16903 Datasheet HTML 11Page - Samsung semiconductor KD16903 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
KD16903
DATA PROCESSOR
8
- I
2C Bus Interface Acknowledge
The acknowledge related clock pulse is generated by a microcontroller.
The transmitter releases the SDA line (high) during the acknowledge clock pulse. The receiver must pull down
the SDA line during the acknowledge clock pulse so that it remains stable low during the high period of this clock
pulse. The slave-transmitter generates negative acknowledge when read operation processes. The negative
acknowledge is generated by a master (microcontroller).
SCL
SDA
S
1 0 0 0 0
A0
A
W
A
A P
0
S
1 0 0 0 0 0
0 0
P
LSB
MSB
DATA
LSB
MSB
Function Address
LSB
MSB
Chip Address
I2C Bus Interface Format-Write Operation
SCL
SDA
S
1 0 0 0 0
A0
A
R
A
N/
A
P
0
S
1 0 0 0 0 0
0 1
P
LSB
MSB
DATA
LSB
MSB
Function Address
LSB
MSB
Chip Address
I2C Bus Interface Format-Read Operation
- Relationship between the I2C Bus Interface signal SCL/SDA and main clock of KD16903(CKIN)
Commands are sent from MSM to KD16903 via the I2C (SDA/SCL) bus, triggered by the input signal CKIN. To
achieve immunity towards noise, the glitch protection circuitry must be put into operation, thereby meeting the
I2C specification.
Thus CKIN should be input with the SDA/SCL.
Another issue is, at least 100 clock(CKIN) cycles are needed to execute the command completely by the
KD16903. Even as the end condition of the I2C interface is met, the MSM must supply KD16903 with CKIN, as


Similar Part No. - KD16903

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KD16901 SAMSUNG-KD16901 Datasheet
959Kb / 70P
   AUDIO EFFECT PROCESSOR
More results

Similar Description - KD16903

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
logo
Texas Instruments
DLPC6401 TI1-DLPC6401 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Data Processor
logo
Exar Corporation
XR-T6165 EXAR-XR-T6165 Datasheet
157Kb / 16P
   Codirectional Digital Data Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Exar Corporation
XR-T6166 EXAR-XR-T6166 Datasheet
151Kb / 16P
   Codirectional Digital Data Processor
logo
Mitsubishi Electric Sem...
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Sanyo Semicon Device
LC8213K SANYO-LC8213K Datasheet
56Kb / 5P
   Image Data Compression/Expansion Processor
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com