Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC75118C Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KC75118C
Description  1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC75118C Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KC75118C Datasheet HTML 8Page - Samsung semiconductor KC75118C Datasheet HTML 9Page - Samsung semiconductor KC75118C Datasheet HTML 10Page - Samsung semiconductor KC75118C Datasheet HTML 11Page - Samsung semiconductor KC75118C Datasheet HTML 12Page - Samsung semiconductor KC75118C Datasheet HTML 13Page - Samsung semiconductor KC75118C Datasheet HTML 14Page - Samsung semiconductor KC75118C Datasheet HTML 15Page - Samsung semiconductor KC75118C Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC75118C
12
5. Measure the maximum and minimum illuminance output value (YMAX, YMIN) when the light intensity is adjusted
to make Y to be YA.
6. Measure YD with the horizontal idling time transfer level as reference, when the device ambient temperature is
60
°C and all of the light sources are shielded.
7. Follow test method 6, measure the maximum (DMAX) and minimum illuminance output (DMIN).
8. Adjust the light intensity of Y signal output value by strobe light to 150mV (YA), calculate by below formula with
measuring the image lag signal which is qenerated by below timing diagram.
U
Y
MAX
Y
MIN
Y
A
-------------------------------------
100 %
( )
×
=
∆D
D
MAX
D
MIN
=
Y
LAG
Y
lag 150
(
) 100 %
( )
×
=
FLD
SG1
Strobe
Timing
Output
Y Signal
Output 150mV
Light
YLag


Similar Part No. - KC75118C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC70 KSS-KC70 Datasheet
262Kb / 2P
   HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
64Kb / 1P
   Clock Oscillators
KC7050A-C1 KSS-KC7050A-C1_18 Datasheet
64Kb / 1P
   Clock Oscillators
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
   CMOS/ 2.5V/ 7.0횞5.0mm
More results

Similar Description - KC75118C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com