Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0442626420 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0442626420
Description  5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0442626420 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0442626420 Datasheet HTML 1Page - Molex Electronics Ltd. 0442626420 Datasheet HTML 2Page - Molex Electronics Ltd. 0442626420 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442626420
Status:
Active
Description:
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn)
Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
44262
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
500
Gender
Male
Material - Metal
Copper
Material - Plating Mating
Gold
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.52-3.30mm (.060-.130")
Wire Size AWG
14, 16
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
600V AC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-44262-026
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44262Series
Use With
638326000 Crimp Applicator
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool for
14-18 AWG Male
and Female Power
Contact Terminals
0638195500
Mini-Mac™
Applicator
0638326100
This document was generated on 03/29/2010


Similar Part No. - 0442626420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442626421 MOLEX6-0442626421 Datasheet
159Kb / 3P
   5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455")
0442626422 MOLEX6-0442626422 Datasheet
159Kb / 3P
   5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com