Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44380-0010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44380-0010
Description  Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44380-0010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44380-0010 Datasheet HTML 1Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 2Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 3Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 4Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 5Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 6Page - Molex Electronics Ltd. 44380-0010 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Grounding to Panel
With All Panel Grounding Tab
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Application Specification
AS-43860-001
Packaging Specification
PK-44380-005
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-44380-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 44380-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44380-0011 MOLEX6-44380-0011 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Shielded, with All Panel Grounding Tabs
44380-0012 MOLEX6-44380-0012 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Shielded, with All Panel Grounding Tabs
44380-0015 MOLEX-44380-0015 Datasheet
247Kb / 2P
   Modular Jack
44380-0015 MOLEX6-44380-0015 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted
44380-0019 MOLEX6-44380-0019 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/4, Unshielded
More results

Similar Description - 44380-0010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0446200001 MOLEX6-0446200001 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201005 MOLEX6-0446201005 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201004 MOLEX6-0446201004 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0443801016 MOLEX6-0443801016 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200002 MOLEX6-0446200002 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0438600001 MOLEX6-0438600001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0443801010 MOLEX6-0443801010 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200003 MOLEX6-0446200003 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446201008 MOLEX6-0446201008 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0446200002 MOLEX1-0446200002_18 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com