Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC73125UCA Datasheet(PDF) 15 Page - Samsung semiconductor

Part # KC73125UCA
Description  1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73125UCA Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button KC73125UCA Datasheet HTML 11Page - Samsung semiconductor KC73125UCA Datasheet HTML 12Page - Samsung semiconductor KC73125UCA Datasheet HTML 13Page - Samsung semiconductor KC73125UCA Datasheet HTML 14Page - Samsung semiconductor KC73125UCA Datasheet HTML 15Page - Samsung semiconductor KC73125UCA Datasheet HTML 16Page - Samsung semiconductor KC73125UCA Datasheet HTML 17Page - Samsung semiconductor KC73125UCA Datasheet HTML 18Page - Samsung semiconductor KC73125UCA Datasheet HTML 19Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
KC73125UCA
1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
15
APPLICATION CIRCUITS
Figure 5. Application Circuits
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
XSUB XV2 XV1 SG1 XV3 SG2 XV4
16
15
14
13
12
11
10
9
ΦH2 ΦH1 ΦRS
5V
KS7221D
1
2
3
4
5
6
7
8
ΦV4
ΦV3
ΦV2
ΦV1
ΦH2
ΦH1
ΦRS
GND
VGG
VSS
VOUT
VL
NC
SUB
GND
VDD
10
100K
MA110
50K
104
3.9K
+
-
1
µ/50V
100
10
µ/25V
10
µ/25V
+
-
-
+
+
-
103
103
CCD
Output
-9V
15V
180K
KSC2757
27K
680
1
µ/10V
47
µ/16V
+
-
+ -
15V
22
µ
10
µ/25V
103


Similar Part No. - KC73125UCA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73125UBA SAMSUNG-KC73125UBA Datasheet
224Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
More results

Similar Description - KC73125UCA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Samsung semiconductor
KC75118C SAMSUNG-KC75118C Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com