Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB9223-L Datasheet(PDF) 27 Page - Samsung semiconductor

Part # KB9223-L
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB9223-L Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button KB9223-L Datasheet HTML 23Page - Samsung semiconductor KB9223-L Datasheet HTML 24Page - Samsung semiconductor KB9223-L Datasheet HTML 25Page - Samsung semiconductor KB9223-L Datasheet HTML 26Page - Samsung semiconductor KB9223-L Datasheet HTML 27Page - Samsung semiconductor KB9223-L Datasheet HTML 28Page - Samsung semiconductor KB9223-L Datasheet HTML 29Page - Samsung semiconductor KB9223-L Datasheet HTML 30Page - Samsung semiconductor KB9223-L Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
PRELIMINARY
RF AMP & SERVO SIGNAL PROCESSOR
27
KB9223 / KB9223-L
M/M-97-P006
1997. 10. 17
3.2.1 Focus Control($0X)
This command consists of 8 bits data and expressed by two hexa $0X.
FS4,FS3,FS2,FS1:internal switch for focus control
-Focus Search Operation(FS2,FS1)
$02:FS2 switch become off and the value of servo output pin is as below.
(10uA-5uA)*50k*(feedback Resistor/50k)
$03:If FS1 switch is 1, the current supply is cut off and the discharge is performed.
The waveform is as below and the time constant is determined by internal resistor 50K
and external capacitor.
Figure 20. Waveform at pin 3 when FS1 is switched from 0 to 1
The waveform of servo output pin according to FS1 and FS2 switches is as below.
Figure 21. Focus search waveform at pin 48 by $02 and $03
FS4 is switch for on/off control of focus servo loop
$00:Focus servo off
$08:Focus servo on
D7
D6
D5
D4
D3
D2
D1
D0
ISTAT
0
0
0
0
FS4
FS3
FS2
FS1
FZC
0V
$00
02
03
02
03
02
03
00


Similar Part No. - KB9223-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
   VIDEO-CD 2ND GENERATION
More results

Similar Description - KB9223-L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9226X SAMSUNG-S1L9226X Datasheet
454Kb / 56P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9225 SAMSUNG-S1L9225 Datasheet
623Kb / 60P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com