Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41791-0995 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 41791-0995
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 16 Circuits, 0.38um (15關") Gold (Au) Selective Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41791-0995 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  41791-0995 Datasheet HTML 1Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 2Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 3Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 4Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 5Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 6Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 7Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 8Page - Molex Electronics Ltd. 41791-0995 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-0086/0100
Group
A-41791-0309/0308
Group
A-41791-0464/0480
Group
A-41791-0481/0491
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0012
Pin No:
2161-94(102)
Pin No:
2161-94(501)
Pin No:
2161-1(102)
Pin No:
2161-26(154)
Plating:
102 – TIN
Plating:
501 – GOLD
Plating:
102 – TIN
Plating:
154 – TIN
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
19.05 / .750
Pin Length L
22.23 / .875
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
4.32 / .170
PC Tail
P
7.49 / .295
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2, 4
Voided Ckts
2
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-4023
A-41791-0464
41791-0481
A-41791-0481
3
26-63-4031
A-41791-0310
26-60-4033
A-41791-0465
41791-0482
A-41791-0482
4
26-62-4041
A-41791-0086
A-41791-0311
26-60-4043
A-41791-0466
41791-0483
A-41791-0483
5
26-62-4051
A-41791-0087
26-63-4051
A-41791-0312
26-60-4053
A-41791-0467
41791-0484
A-41791-0484
6
26-62-4061
A-41791-0088
26-63-4061
A-41791-0313
26-60-4063
A-41791-0468
41791-0485
A-41791-0485
7
A-41791-0089
26-63-4071
A-41791-0314
26-60-4073
A-41791-0469
41791-0486
A-41791-0486
8
A-41791-0090
A-41791-0315
26-60-4083
A-41791-0470
41791-0487
A-41791-0487
9
A-41791-0091
A-41791-0316
26-60-4093
A-41791-0471
41791-0488
A-41791-0488
10
26-62-4101
A-41791-0092
A-41791-0317
26-60-4103
A-41791-0472
41791-0489
A-41791-0489
11
A-41791-0093
A-41791-0318
26-60-4113
A-41791-0473
41791-0490
A-41791-0490
12
A-41791-0094
A-41791-0319
26-60-4123
A-41791-0474
41791-0491
A-41791-0491
13
A-41791-0095
A-41791-0320
26-60-4133
A-41791-0475
14
A-41791-0096
A-41791-0321
26-60-4143
A-41791-0476
15
A-41791-0097
A-41791-0322
26-60-4153
A-41791-0477
16
A-41791-0098
A-41791-0323
26-60-4163
A-41791-0478
17
A-41791-0099
A-41791-0324
26-60-4173
A-41791-0479
18
A-41791-0100
A-41791-0325
26-60-4183
A-41791-0480


Similar Part No. - 41791-0995

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41791-0002 MOLEX11-41791-0002 Datasheet
68Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 2 Circuits, Tin (Sn) Plating
41791-0003 MOLEX3-41791-0003 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
41791-0003 MOLEX11-41791-0003 Datasheet
59Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
41791-0004 MOLEX3-41791-0004 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 4 Circuits, Tin (Sn) Plating
41791-0004 MOLEX11-41791-0004 Datasheet
59Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 4 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com