Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB2512 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KB2512
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2512 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KB2512 Datasheet HTML 10Page - Samsung semiconductor KB2512 Datasheet HTML 11Page - Samsung semiconductor KB2512 Datasheet HTML 12Page - Samsung semiconductor KB2512 Datasheet HTML 13Page - Samsung semiconductor KB2512 Datasheet HTML 14Page - Samsung semiconductor KB2512 Datasheet HTML 15Page - Samsung semiconductor KB2512 Datasheet HTML 16Page - Samsung semiconductor KB2512 Datasheet HTML 17Page - Samsung semiconductor KB2512 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
KB2512
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
13
Max vertical S-correction amplitude (see 14)
XOXXXXXX inhibits S-CORR
X1111111 gives max S-CORR
dVS
Sub address 07
∆V/Vpp at TV/4
∆V/Vpp at 3TV/4
-4
+4
%
%
Vertical C-Corr amplitude
XOXXXXXX inhibits C-corr
Ccorr
Sub address 08
∆V/Vpp at TV/2
Byte X1000000
Byte X1100000
Byte X1111111
-3
0
3
%
%
%
EAST/WEST FUNCTION
DC output voltage with typ. Vpos, keystone
and corner inhibited
EWDC
pin 24,
see figure 2
2.5
V
DC output voltage thermal drift
TDEWDC see note 7
100
ppm/
C
Parabola amplitude with max. Vamp,
typ. V-Pos, keystone and corner inhibited
EWpara
Sub address 0A
Byte 1111111
Byte 1100000
Byte 1000000
1.7
0.85
0
Vpp
Vpp
Vpp
Parabola amplitude function of V-AMP control
(tracking between V-AMP and E/W) with typ.
Vpos, typ. EW amplitude, keystone and corner
inhibited (see 8)
EWtrack
Sub address 05
Byte 1000000
Byte 1100000
Byte 1111111
0.30
0.55
0.85
Vpp
Vpp
Vpp
Keystone adjustment capability with typ.Vpos,
corner and E/W inhibited and max. vertical
amplitude. (see 8)
KeyAdj
Sub address 09
Byte 1x000000
Byte 1x111111
0.65
0.65
Vpp
Vpp
Intrinsic keystone function of V-POS control
(tracking between V-pos and EW) max. E/W
and max. vertical amplitude and corner
inhibited. (see 7)
A/B ratio
B/A ratio
Key-
Track
Sub address 06
Byte x0000000
Byte x1111111
0.52
0.52
Corner amplitude with max. VAMP, typ.
VPOS,
keystone and E/W inhibit
Corner
Sub address 0B
Byte 11111111
Byte 11000000
Byte 10000000
1.7
0
-1.7
Vpp
Vpp
Vpp
INTERNAL HORIZONTAL DYNAMIC PHASE CONTROL FUNCTION
Side pin balance parabola amplitude (Figure3)
with max. Vamp, typ. V-POS and
parallelogram inhibited (see 8, 9)
SPBpara
Sub address 0D
Byte x1111111
Byte x1000000
+1.4
-1.4
%TH
%TH
Table 11. Vertical Section Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Similar Part No. - KB2512

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - KB2512

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com