Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-49701-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-49701-001
Description  .187mm (.007
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-49701-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-49701-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-49701-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0497019902
Status:
Active
Description:
.187mm (.007") Male Terminal
Documents:
Packaging Specification (PDF)
Product Specification PS-49006-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
49701
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
1,000
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.9mm (.115")
Wire Size AWG
12, 14
Wire Size mm²
1.63MM, 2.06MM
Electrical
Current - Maximum per Contact
4A, 5A
Voltage - Maximum
13V DC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-49006-001
Sales Drawing
SD-49701-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49701Series
Mates With
35441
This document was generated on 03/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-49701-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-49702-001 MOLEX6-SD-49702-001 Datasheet
126Kb / 2P
   2.28mm (.090") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Middle Size, Tin Plated, AVSS
More results

Similar Description - SD-49701-001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437654-7 MACOM-2-1437654-7 Datasheet
188Kb / 1P
   6PCV-XX-007 ASSEMBLY
2-1437658-3 MACOM-2-1437658-3 Datasheet
109Kb / 1P
   8PCV-XX-007 ASSEMBLY
4-1437652-0 MACOM-4-1437652-0 Datasheet
188Kb / 1P
   6PCV-XX-007 ASSEMBLY
2-1437653-8 MACOM-2-1437653-8 Datasheet
188Kb / 1P
   6PCV-XX-007 ASSEMBLY
2-1437653-6 MACOM-2-1437653-6 Datasheet
188Kb / 1P
   6PCV-XX-007 ASSEMBLY
logo
Glenair, Inc.
177-007-9P1BN4-06 GLENAIR-177-007-9P1BN4-06 Datasheet
104Kb / 1P
   Shorting Plug Assembly 177-007
logo
Molex Electronics Ltd.
0495670001 MOLEX6-0495670001 Datasheet
82Kb / 2P
   187 (.007") Pitch Faston Housing, 1 Circuit
logo
ATGBICS by Approved Tec...
MC3309124-007-C ATGBICS-MC3309124-007-C Datasheet
152Kb / 3P
   MC3309124-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
MC2206125-007-C ATGBICS-MC2206125-007-C Datasheet
331Kb / 8P
   MC2206125-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
MC2609130-007-C ATGBICS-MC2609130-007-C Datasheet
341Kb / 8P
   MC2609130-007 NVIDIA Mellanox Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (7m, Passive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com