Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KB2511B Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KB2511B
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2511B Datasheet(HTML) 3 Page - Samsung semiconductor

  KB2511B Datasheet HTML 1Page - Samsung semiconductor KB2511B Datasheet HTML 2Page - Samsung semiconductor KB2511B Datasheet HTML 3Page - Samsung semiconductor KB2511B Datasheet HTML 4Page - Samsung semiconductor KB2511B Datasheet HTML 5Page - Samsung semiconductor KB2511B Datasheet HTML 6Page - Samsung semiconductor KB2511B Datasheet HTML 7Page - Samsung semiconductor KB2511B Datasheet HTML 8Page - Samsung semiconductor KB2511B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
KB2511B
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
2
BLOCK DIAGRAM
19
16
15
28
14
9
PHASE/
FREQUENCY
COMPARATOR
H-PHASE(7 bits)
LOCK/UNLOCK
IDENTIFICATION
PHASE
COMPARATOR
VCO
SAFETY
PROCESSOR
PHASE
SHIFTER
H-DUTY
(5 bits)
7
3
8
5
6
12
4
B+
CONTROLLER
10
I C INTERFACE
GEOMETRY
TRACKING
22
20
23
COMP
VREF
Forced
Freq.
2 bits
Free running
5 bits
HOUT
BUFFER
26
13
SYNC INPUT
SELECT
(1bit)
SYNC
PROCESSOR
VREF
21
1
2
25
29
27
30
31
32
Vcc
XRAY
RESET
GENERATOR
2
X
2
X
2
MOIRE
CANCEL
5 BITS+ON/OFF
+
+
+
17
+
24
B+ ADJUST
7 bits
S AND C
CORRECTION
VERTICAL
OSCILLATOR
RAMP GENERATOR
6 bits
8 bits
VPOS
7bits
keyst
6 bits
PCC
7 bits
VAMP
6 bits
X
2
X
Amp & symmetry
2x5 bits
Spin Bal
6 bits
Key Bal
6 bits
VAMP
7 bits
B+ OUT
REGIN
BGND
HFOCUS
CAP
FOCUS
ISENSE
H/HVIN
HREF
VSYNC
IN
VCC
XRAY
VREF
VGND
5V
SDA
SCL
GND
11
HGND
18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn