Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB2502 Datasheet(PDF) 55 Page - Samsung semiconductor

Part # KB2502
Description  VIDEO AMP MERGED OSD PROCESSOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2502 Datasheet(HTML) 55 Page - Samsung semiconductor

Back Button KB2502 Datasheet HTML 51Page - Samsung semiconductor KB2502 Datasheet HTML 52Page - Samsung semiconductor KB2502 Datasheet HTML 53Page - Samsung semiconductor KB2502 Datasheet HTML 54Page - Samsung semiconductor KB2502 Datasheet HTML 55Page - Samsung semiconductor KB2502 Datasheet HTML 56Page - Samsung semiconductor KB2502 Datasheet HTML 57Page - Samsung semiconductor KB2502 Datasheet HTML 58Page - Samsung semiconductor KB2502 Datasheet HTML 59Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
KB2502
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
54
Preliminary
RECOMMENDATION
5V Power Routing
KB2502's OSD part power is composed of analog VDD and digital VDD. To eliminate clock noise influence in the
digital block, you need to separate the analog VDDA and digital VDD.
(BD102 use: Refer to Application Circuit )
12V Power Routing
Because KB2502 is a wideband AMP of above 150MHz, 12V power significantly affects the video characteristics.
The effects from the inductance and capacitance are different for each board, and , therefore, some tuning is
required to obtain the optimum performance. The output power, VCC2, must be separated from VCC1 and VCC3
using a coil, which is parallel-connected to the damping resistor.The appropriate coil value is between 20uH -
200uH. Parallel-connected a variable resistor to the coil and control its resistance to obtain the optimum video
waveform.
(Moreover, BD103 can tune using a coil and variable resistor to obtain the optimum video waveform.
L103, R124, BD103: Refer to application circuit)
VCC1, VCC3 12V Power
Use a 104 capacitor and large capacitor greater than 470uH for the power filter capacitor.
12V Output Stage Power VCC2
Do not use the power filter capacitor.
5V Digital Power VDD
Don't use a coil or magnetic core to the VDD input. Make the power filter capacitor, an electric capacitor of greater
than 50uF, single and connect it to VSS, the digital GND.
Output Stage GND2
Care must be taken during routing because it ,as an AMP output stage GND, is an important factor of video
oscillation. R/G/B clamp cap and R/G/B load resistor must be placed as close as possible to the GND2 pin. GND2
must be arranged so that it has the minimum GND loop, which at one point must be connected to the main GND.
Digital GND VSS
When this is to be connected directly to the GND2, it can cause the OSD clock noise, so the loop connection
should be routed as far away as possible. If the OSD clock noise affects the screen, separate VSS GND from all
GND and connect it to the main board using a bead. Again, the bead connection point should be placed as far
away as possible to the GND2.
Analog Block
The PLL built in to KB2502 is sensitive to noise due to the wide range PLL characteristics. Therefore, you need to
isolate the analog block in the following manner. First make a separate land for the analog block (pin2 - pin6)'s
ground, and connect it to the main ground through a 1M
Ω resistor. The analog GND of both sides of a double faced
PCB must be separated from the main ground. (Separate pin 2's 5V analog GND, which is the GND for OSD PLL,
from the main and digital GNDs and connect it to the main GND using about 1M
Ω resistor. GND for pins 2 - 6 is the
No. 2 VSSA GND.)


Similar Part No. - KB2502

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2500CGKD KINGBRIGHT-KB2500CGKD Datasheet
347Kb / 6P
   8.89mmx3.81mm LED LIGHT BAR
KB2500SGD KINGBRIGHT-KB2500SGD Datasheet
64Kb / 3P
   8.89mmx3.81mm LED LIGHT BAR
More results

Similar Description - KB2502

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Motorola, Inc
MC13282A MOTOROLA-MC13282A Datasheet
268Kb / 12P
   100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8002KBCZ AD-ADV8002KBCZ Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
Rev. PrA
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com