Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43202-4101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 43202-4101
Description  Modular Jack, Right Angle, Low Profile, 4/4
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43202-4101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43202-4101 Datasheet HTML 1Page - Molex Electronics Ltd. 43202-4101 Datasheet HTML 2Page - Molex Electronics Ltd. 43202-4101 Datasheet HTML 3Page - Molex Electronics Ltd. 43202-4101 Datasheet HTML 4Page - Molex Electronics Ltd. 43202-4101 Datasheet HTML 5Page - Molex Electronics Ltd. 43202-4101 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432024101
Status:
Active
Description:
Modular Jack, Right Angle, Low Profile, 4/4
Documents:
3D Model
Product Specification PS-43202-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43202
Comments
Enhanced panel grounding tabs
Component Type
PCB Jack
Magnetic
No
Performance Category
3, 4
Power over Ethernet (PoE)
N/A
Product Name
N/A
Physical
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
4/4
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43202Series
Mates With
FCC 68 Plugs


Similar Part No. - 43202-4101

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
43202-4104 MOLEX5-43202-4104 Datasheet
338Kb / 6P
   Modular Jack, Right Angle, Low Profile, 4/2
More results

Similar Description - 43202-4101

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0432024101 MOLEX1-0432024101_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 4/4
0855025005 MOLEX9-0855025005 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 4/4
0432028119 MOLEX5-0432028119 Datasheet
364Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/4
0432026104 MOLEX5-0432026104 Datasheet
349Kb / 6P
   Modular Jack, Right Angle, Low Profile, 6/4
0432024104 MOLEX5-0432024104 Datasheet
338Kb / 6P
   Modular Jack, Right Angle, Low Profile, 4/2
0432238192 MOLEX5-0432238192 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/4, 4 Ports
0432236028 MOLEX5-0432236028 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 4 Ports
0432236128 MOLEX5-0432236128 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 4 Ports
0441440004 MOLEX6-0441440004 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 6/4
0441440001 MOLEX6-0441440001 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/4
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz