Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41681-0031 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 41681-0031
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 9 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41681-0031 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  41681-0031 Datasheet HTML 1Page - Molex Electronics Ltd. 41681-0031 Datasheet HTML 2Page - Molex Electronics Ltd. 41681-0031 Datasheet HTML 3Page - Molex Electronics Ltd. 41681-0031 Datasheet HTML 4Page - Molex Electronics Ltd. 41681-0031 Datasheet HTML 5Page - Molex Electronics Ltd. 41681-0031 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
41681
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2006-2983
S2
DATE:
2006-06-13
TITLE:
KK .156 HEADER ASSEMBLY
POLARIZING STRAIGHT
2-24 CKTS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-41681-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-41681-ANC503-*
ENG. NO: A-41681-BNA208-*
ENG. NO: A-41681-BNA228-*
PIN NUMBER
2161-56(503)
PIN NUMBER
43294-0236
PIN NUMBER
43294-0237
PLATING
503
PLATING
208
PLATING
228
DIM. L
(17.86)/.703
DIM. L
(19.05)/.750
DIM. L
(19.05)/.750
DIM. X
(11.43)/.450
DIM. X
(11.43)/.450
DIM. X
(11.43)/.450
DIM. G (GOLD)
OVERALL
DIM. G (GOLD)
(6.86)/.270
DIM. G (GOLD)
(6.86)/.270
DIM. Z
(3.18)/.125
DIM. Z
(4.37)/.172
DIM. Z
(4.37)/.172
DIM. T (TIN)
N/A
DIM. T (TIN)
(4.06)/.160
DIM. T (TIN)
(4.06)/.160
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
02
26-48-7028
A-41681-A2C503
02
41681-0001
A-41681-B02A208
02
41681-0024
A-41681-B02A228
03
26-48-7038
A-41681-A3C503
03
41681-0002
A-41681-B03A208
03
41681-0025
A-41681-B03A228
04
26-48-7048
A-41681-A4C503
04
41681-0003
A-41681-B04A208
04
41681-0026
A-41681-B04A228
05
26-48-7058
A-41681-A5C503
05
41681-0004
A-41681-B05A208
05
41681-0027
A-41681-B05A228
06
26-48-7068
A-41681-A6C503
06
41681-0005
A-41681-B06A208
06
41681-0028
A-41681-B06A228
07
26-48-7078
A-41681-A7C503
07
41681-0006
A-41681-B07A208
07
41681-0029
A-41681-B07A228
08
26-48-7088
A-41681-A8C503
08
41681-0007
A-41681-B08A208
08
41681-0030
A-41681-B08A228
09
26-48-7098
A-41681-A9C503
09
41681-0008
A-41681-B09A208
09
41681-0031
A-41681-B09A228
10
26-48-7108
A-41681-A10C503
10
41681-0009
A-41681-B10A208
10
41681-0032
A-41681-B10A228
11
26-48-7118
A-41681-A11C503
11
41681-0010
A-41681-B11A208
11
41681-0033
A-41681-B11A228
12
26-48-7128
A-41681-A12C503
12
41681-0011
A-41681-B12A208
12
41681-0034
A-41681-B12A228
13
26-48-7138
A-41681-A13C503
13
41681-0012
A-41681-B13A208
13
41681-0035
A-41681-B13A228
14
26-48-7148
A-41681-A14C503
14
41681-0013
A-41681-B14A208
14
41681-0036
A-41681-B14A228
15
26-48-7158
A-41681-A15C503
15
41681-0014
A-41681-B15A208
15
41681-0037
A-41681-B15A228
16
26-48-7168
A-41681-A16C503
16
41681-0015
A-41681-B16A208
16
41681-0038
A-41681-B16A228
17
26-48-7178
A-41681-A17C503
17
41681-0016
A-41681-B17A208
17
41681-0039
A-41681-B17A228
18
26-48-7188
A-41681-A18C503
18
41681-0017
A-41681-B18A208
18
41681-0040
A-41681-B18A228
19
26-48-7198
A-41681-A19C503
19
41681-0018
A-41681-B19A208
19
41681-0041
A-41681-B19A228
20
26-48-7208
A-41681-A20C503
20
41681-0019
A-41681-B20A208
20
41681-0042
A-41681-B20A228
21
26-48-7218
A-41681-A21C503
21
41681-0020
A-41681-B21A208
21
41681-0043
A-41681-B21A228
22
26-48-7228
A-41681-A22C503
22
41681-0021
A-41681-B22A208
22
41681-0044
A-41681-B22A228
23
26-48-7238
A-41681-A23C503
23
41681-0022
A-41681-B23A208
23
41681-0045
A-41681-B23A228
24
26-48-7248
A-41681-A24C503
24
41681-0023
A-41681-B24A208
24
41681-0046
A-41681-B24A228


Similar Part No. - 41681-0031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41681-0031 MOLEX11-41681-0031 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 9 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com