Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0417920525 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0417920525
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 16 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0417920525 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0417920525 Datasheet HTML 1Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 2Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 3Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 4Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 5Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 6Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 7Page - Molex Electronics Ltd. 0417920525 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
41792
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-2821
H6
DATE:
6/23/2008
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK
RIGHT ANGLE W/O PEGS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41792-0198/0213
Group
A-41792-0214/0227
Group
A-41792-0242/0257
Group
A-41792-0341/0352
Header No:
41790-0002/0018
Header No:
41790-0005/0018
Header No:
41790-0003/0018
Header No:
41790-0007/0018
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L
27.94/ 1.100
Pin Length L
27.94/ 1.100
Pin Length L
27.94/ 1.100
Pin Length L
27.94/ 1.100
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2
Voided Ckts
5
Voided Ckts
3
Voided Ckts
7
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
3
26-62-5031
A-41792-0198
26-62-5035
A-41792-0242
4
26-62-5041
A-41792-0199
26-62-5045
A-41792-0243
5
26-62-5051
A-41792-0200
41792-0214
A-41792-0214
26-62-5055
A-41792-0244
6
26-62-5061
A-41792-0201
26-62-5060
A-41792-0215
26-62-5065
A-41792-0245
7
26-62-5071
A-41792-0202
41792-0216
A-41792-0216
26-62-5075
A-41792-0246
41792-0341
A-41792-0341
8
26-62-5081
A-41792-0203
41792-0217
A-41792-0217
26-62-5085
A-41792-0247
41792-0342
A-41792-0342
9
26-62-5091
A-41792-0204
41792-0218
A-41792-0218
26-62-5095
A-41792-0248
41792-0343
A-41792-0343
10
26-62-5101
A-41792-0205
26-62-5100
A-41792-0219
26-62-5105
A-41792-0249
26-62-5104
A-41792-0344
11
26-62-5111
A-41792-0206
41792-0220
A-41792-0220
26-62-5115
A-41792-0250
26-62-5114
A-41792-0345
12
26-62-5121
A-41792-0207
41792-0221
A-41792-0221
26-62-5125
A-41792-0251
41792-0346
A-41792-0346
13
26-62-5131
A-41792-0208
41792-0222
A-41792-0222
26-62-5135
A-41792-0252
41792-0347
A-41792-0347
14
26-62-5141
A-41792-0209
41792-0223
A-41792-0223
26-62-5145
A-41792-0253
41792-0348
A-41792-0348
15
26-62-5151
A-41792-0210
41792-0224
A-41792-0224
26-62-5155
A-41792-0254
41792-0349
A-41792-0349
16
26-62-5161
A-41792-0211
41792-0225
A-41792-0225
26-62-5165
A-41792-0255
41792-0350
A-41792-0350
17
26-62-5171
A-41792-0212
41792-0226
A-41792-0226
26-62-5175
A-41792-0256
41792-0351
A-41792-0351
18
26-62-5181
A-41792-0213
41792-0227
A-41792-0227
26-62-5185
A-41792-0257
41792-0352
A-41792-0352


Similar Part No. - 0417920525

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0417920521 MOLEX5-0417920521 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 12 Circuits
0417920528 MOLEX5-0417920528 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 2 Circuits
0417920529 MOLEX5-0417920529 Datasheet
214Kb / 8P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 3 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com