Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395281010 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395281010
Description  5.00mm (.197") Pitch Eurostyle??Horizontal PCB Dual Level Header, Closed Ends, 10 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395281010 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395281010 Datasheet HTML 1Page - Molex Electronics Ltd. 395281010 Datasheet HTML 2Page - Molex Electronics Ltd. 395281010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
Dimensional Information
Dim. A
Dim B
Circuit
size
100% Tin
30 u" Gold
100% Tin
30 u" Gold
mm
inch
mm
inch
4
395281004
395281504
395286004
395286504
12.00
0.472
5.00
0.197
6
395281006
395281506
395286006
395286506
17.00
0.669
10.00
0.394
8
395281008
395281508
395286008
395286508
22.00
0.866
15.00
0.591
10
395281010
395281510
395286010
395286510
27.00
1.063
20.00
0.787
12
395281012
395281512
395286012
395286512
32.00
1.260
25.00
0.984
14
395281014
395281514
395286014
395286514
37.00
1.457
30.00
1.181
16
395281016
395281516
395286016
395286516
42.00
1.654
35.00
1.378
18
395281018
395281518
395286018
395286518
47.00
1.850
40.00
1.575
20
395281020
395281520
395286020
395286520
52.00
2.047
45.00
1.772
22
395281022
395281522
395286022
395286522
57.00
2.244
50.00
1.969
24
395281024
395281524
395286024
395286524
62.00
2.441
55.00
2.165
26
395281026
395281526
395286026
395286526
67.00
2.638
60.00
2.362
28
395281028
395281528
395286028
395286528
72.00
2.835
65.00
2.559
30
395281030
395281530
395286030
395286530
77.00
3.031
70.00
2.756
32
395281032
395281532
395286032
395286532
82.00
3.228
75.00
2.953
34
395281034
395281534
395286034
395286534
87.00
3.425
80.00
3.150
36
395281036
395281536
395286036
395286536
92.00
3.622
85.00
3.346
38
395281038
395281538
395286038
395286538
97.00
3.819
90.00
3.543
40
395281040
395281540
395286040
395286540
102.00
4.016
95.00
3.740
42
395281042
395281542
395286042
395286542
107.00
4.213
100.00
3.937
44
395281044
395281544
395286044
395286544
112.00
4.409
105.00
4.134
46
395281046
395281546
395286046
395286546
117.00
4.606
110.00
4.331
48
395281048
395281548
395286048
395286548
122.00
4.803
115.00
4.528


Similar Part No. - 395281010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395281012 MOLEX5-395281012 Datasheet
148Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Dual Level Header, Closed Ends, 12 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com