Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA386B Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. KA386B
Description  the ka386b/bd/bs is a power amplifier designed for use in low voltage consumer applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 4 page
background image
.$êåç%
/2:ý92/7$*(ý$8',2ý32:(5ý$03
é
127(6




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC2290TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
2SC2395TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
2SC2879TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
2SC2099TRANSISTOR 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE 1 2 Toshiba Semiconductor
LP3878Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors 1 2 3 4 5 MoreNational Semiconductor (TI)
RP56LDLOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS 1 2 3 4 5 MoreConexant Systems, Inc
Z00607MA2BL2The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers 1 2 3 4 5 MoreSTMicroelectronics
IRFP140PBFPreferred for commercail-industrial applications where higher power levels preclude the use of TO-220 devices. 1 2 3 4 5 MoreInternational Rectifier
CA3102Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz 1 2 3 4 5 MoreIntersil Corporation
STC2G15BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl