Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2504 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA2504
Description  I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2504 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KA2504 Datasheet HTML 4Page - Samsung semiconductor KA2504 Datasheet HTML 5Page - Samsung semiconductor KA2504 Datasheet HTML 6Page - Samsung semiconductor KA2504 Datasheet HTML 7Page - Samsung semiconductor KA2504 Datasheet HTML 8Page - Samsung semiconductor KA2504 Datasheet HTML 9Page - Samsung semiconductor KA2504 Datasheet HTML 10Page - Samsung semiconductor KA2504 Datasheet HTML 11Page - Samsung semiconductor KA2504 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
KA2504
7
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
ESD PARAMETER
I2C BUS ELECTRICAL CHARACTERISTICS
NO
Item
Symbol
Value
Unit
1
Normal, Logic, Driver Power Supply
VCC 1, 2, 3
13.2
V
2
Maximum Power Dissipation
PDmax
1.5
W
NO
Item
Symbol
Value
Unit
1
Storage Temperature
Tstg
-65 ~ 150
°C
2
Operating Temperature
Topr
-20 ~ 75
°C
3
Thermal Resistance (Junction ambient)
θja
60.0
°C/W
4
Junction Temperature
Tj
150.0
°C
NO
Item
Symbol
Value
Unit
1
Human Body Model
(C = 100pF, R = 1.5k
Ω)
HBM
2000
V
2
Machine Model
(C = 200pF, R = 0)
MM
300
V
3
Charge Device Model
CDM
800
V
Symbol
Description
Min
Typ
Max
Unit
VinH
High Level Input Voltage
3.0
-
-
V
VinL
Low Level Input Voltage
-
-
1.5
V
IinH
High Level Input Current
-
-
1.0
µA
IinL
Low Level Input Current
-
-
-10
µA
fSCL
SCL Clock frequency
-
-
200
kHz


Similar Part No. - KA2504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2507 SAMSUNG-KA2507 Datasheet
239Kb / 14P
   WIDE BAND ANALOG SWITCH FOR MONITORS
More results

Similar Description - KA2504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2504A01 SAMSUNG-S1D2504A01 Datasheet
887Kb / 23P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com