Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43223-6055 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43223-6055
Description  Modular Jack, Right Angle, Low Profile, 6/2, 6 Ports, Panel Stops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43223-6055 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43223-6055 Datasheet HTML 1Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 2Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 3Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 4Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 5Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 6Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 7Page - Molex Electronics Ltd. 43223-6055 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432236055
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, 6/2, 6 Ports, Panel Stops
Documents:
3D Model
Product Specification PS-43223-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
43223
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
6
Positions / Loaded Contacts
6/2
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43223Series
Mates With
FCC 68 Plugs


Similar Part No. - 43223-6055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43223-6052 MOLEX5-43223-6052 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 5 Ports, Panel Stops
43223-6058 MOLEX5-43223-6058 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 8 Ports, Panel Stops
More results

Similar Description - 43223-6055

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432236043 MOLEX5-0432236043 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 2 Ports, Panel Stops
0432236004 MOLEX5-0432236004 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 3 Ports, Panel Stops
0432236010 MOLEX5-0432236010 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 5 Ports, Panel Stops
0432236052 MOLEX5-0432236052 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 5 Ports, Panel Stops
0432236049 MOLEX5-0432236049 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 4 Ports, Panel Stops
0432236046 MOLEX5-0432236046 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 3 Ports, Panel Stops
0432236058 MOLEX5-0432236058 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 8 Ports, Panel Stops
0432496101 MOLEX1-0432496101_17 Datasheet
32Kb / 2P
   Modular Jack, Right Angle, Low Profile, 6/6, Panel Stops
0432496001 MOLEX1-0432496001_17 Datasheet
32Kb / 2P
   Modular Jack, Right Angle, Low Profile, 6/6, Panel Stops
0432496007 MOLEX5-0432496007 Datasheet
536Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, Panel Stops
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com