Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0394210002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0394210002
Description  12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0394210002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0394210002 Datasheet HTML 1Page - Molex Electronics Ltd. 0394210002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0394210002
Status:
Active
Description:
12.00mm (.472") Pitch Beau™ EuroMax™ Horizontal Plug, 2 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39421
Application
Wire-to-Board
Component Type
Plug
Product Name
EuroMax™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
2
Color - Resin
Black
Entry Angle
180° Angle
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface (in)
0.472 In
Pitch - Mating Interface (mm)
12.00 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
10, 12, 14, 3, 4, 6, 8
Electrical
Current - Maximum per Contact
85A
Voltage - Maximum
600V
Material Info
Old Part Number
420502
Reference - Drawing Numbers
Sales Drawing
SD-39421-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39421Series
Mates With
39425-0002 Horizontal PCB Header
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0394210002

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0394210003 MOLEX5-0394210003 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 3 Circuits
0394210004 MOLEX5-0394210004 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 4 Circuits
0394210005 MOLEX5-0394210005 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 5 Circuits
0394210006 MOLEX5-0394210006 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 6 Circuits
0394210007 MOLEX5-0394210007 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 7 Circuits
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz