Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42492-0400 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 42492-0400
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Press-fit Plastic Peg PCB Lock, 2 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42492-0400 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  42492-0400 Datasheet HTML 1Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 2Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 3Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 4Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 5Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 6Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 7Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 8Page - Molex Electronics Ltd. 42492-0400 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
42492
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2116
F6
DATE:
2/26/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK RT ANGLE
WITH PEGS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42492-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42492-0036/0050
Group
A-42492-0244/0256
Group
A-42492-0258/0273
Group
A-42492-0274/0288
Header No:
41790-0038/0052
Header No:
41790-0040/0052
Header No:
41790-0037/0052
Header No:
41790-0038/0052
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(501)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
501 - GOLD
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
OVERALL
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
PC Tail
P
3.96 / .156
PC Tail
P
3.96/ . 156
PC Tail
P
3.96/. 156
PC Tail
P
3.96/. 156
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Voided Ckts
4
Voided Ckts
6
Voided CKts
2
Voided Ckts
4
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
3
26-66-0031
A-42492-0258
4
26-64-5042
A-42492-0036
26-66-0041
A-42492-0259
424-92-0274
A-42492-0274
5
26-64-5052
A-42492-0037
26-66-0051
A-42492-0260
424-92-0275
A-42492-0275
6
26-64-5062
A-42492-0038
26-64-5061
A-42492-0244
26-66-0061
A-42492-0261
424-92-0276
A-42492-0276
7
26-64-5072
A-42492-0039
26-64-5071
A-42492-0245
26-66-0071
A-42492-0262
424-92-0277
A-42492-0277
8
26-64-5082
A-42492-0040
26-64-5081
A-42492-0246
26-66-0081
A-42492-0263
424-92-0278
A-42492-0278
9
26-64-5092
A-42492-0041
26-64-5091
A-42492-0247
26-66-0091
A-42492-0264
424-92-0279
A-42492-0279
10
26-64-5102
A-42492-0042
26-64-5101
A-42492-0248
26-66-0101
A-42492-0265
424-92-0280
A-42492-0280
11
26-64-5112
A-42492-0043
26-64-5111
A-42492-0249
26-66-0111
A-42492-0266
424-92-0281
A-42492-0281
12
26-64-5122
A-42492-0044
26-64-5121
A-42492-0250
26-66-0121
A-42492-0267
424-92-0282
A-42492-0282
13
14
15
16
17
18


Similar Part No. - 42492-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42492 MOLEX-42492 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com